Part Number Hot Search : 
RA500 7C331 CMPZ4614 3JPXX MAX4737 LR06D FN2942 1200F
Product Description
Full Text Search
 

To Download SCD34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCD32 THRU SCD310
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 3.0 Amperes
D ED ATENT E ATENT P P
2010
FEATURES
.181(4.60) .173(4.40) .002(0.05)
0.091(2.30) 0.083(2.10)
R0.
020
(0.5
0)
* * * * * * * * * * * *
0.045(1.15) 0.029(0.75) 0.046(1.16) 0.034(0.86)
0.045(1.15) 0.029(0.75)
Lead free product Leadless chip form , no lead damage Lead-free solder joint , no wire bond & lead frame Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications Low profile package Built-in strain relief Metal to silicon rectifier , majority carrier conduction Low power loss , High efficiency High current capability , low VF High surge capacity For using in low voltage high frequency switching power supply, inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
*Dimensions in inches and (millimeters)
TM
Terminals : Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026. Polarity : Laser marking Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current (SEE FIG.1) SYMBOLS VRRM VRMS VDC I (AV) SCD32 20 14 20 SCD34
40 28 40
o
SCD36
60 42 60
SCD310
100 70 100
UNITS Volts Volts Volts Amps
3 .0
Peak forward surge current 8.3ms single half sine-wave IFSM superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0 A (NOTE 1) Maximum DC reverse current at rated DC blocking voltage Typical thermal resistance (NOTE 2) R Operating junction temperature range Storage temperature range
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle. (2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
JL
80
Amps
VF
0.50
0.70 0.5
0.85
Volts
(NOTE 1) @TJ=25 C @TJ=100 C R
JA
o
o
IR 20 55 17 -55 to +125 -55 to +150 -55 to +150 10
o
mA
C/W
o o
TJ TSTG
C C
REV. 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES SCD32 THRU SCD310
FIG.1 - FORWARD CURRENT DERATING CURVE 3.0 80
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
8.3ms Single Half Sine-Wave (JEDEC Method)
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2X0.2"(5.0X5.0mm) COPPER PAD AREAS
70 60 50 40 30 20 10 0
2.0
SCD36 & SCD310 SCD32 & SCD34
1.0
0 0 50 70 90 110 130
o
150
170
1
10 NUMBER OF CYCLES AT 60Hz
100
LEAD TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
SCD36 SCD32 & SCD34 SCD310
10
1.00
TJ=100 C
o
1.0
0.10
0.10
0.01
TJ=25 C
o
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 .001 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE 400
TJ = 25 C f=1.0MHz Vsig=50mVP-P
o
JUNCTION CAPACITANCE, pF
100
10 .1 1.0 10 100 REVERSE VOLTAGE, VOLTS
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of SCD34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X